Part Number Hot Search : 
N6211 AD8609 TM128 COM20051 05S12 CA808 P1600 MAX16
Product Description
Full Text Search
 

To Download CY7C1327G-133AXC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CY7C1327G
4-Mbit (256K x 18) Pipelined Sync SRAM
Features
* Registered inputs and outputs for pipelined operation * 256K x18 common I/O architecture * 3.3V core power supply (VDD) * 2.5V I/O power supply (VDDQ) * Fast clock-to-output times -- 2.6 ns (for 250-MHz device) * Provide high-performance 3-1-1-1 access rate * User-selectable burst counter supporting Intel(R) Pentium(R) interleaved or linear burst sequences * Separate processor and controller address strobes * Synchronous self-timed writes * Asynchronous output enable * Offered in lead-free 100-pin TQFP package, lead-free and non-lead-free 119-ball BGA package * "ZZ" Sleep Mode Option
Functional Description[1]
The CY7C1327G SRAM integrates 256K x 18 SRAM cells with advanced synchronous peripheral circuitry and a two-bit counter for internal burst operation. All synchronous inputs are gated by registers controlled by a positive-edge-triggered Clock Input (CLK). The synchronous inputs include all addresses, all data inputs, address-pipelining Chip Enable (CE1), depth-expansion Chip Enables (CE2 and CE3), Burst Control inputs (ADSC, ADSP, and ADV), Write Enables (BW[A:B], and BWE), and Global Write (GW). Asynchronous inputs include the Output Enable (OE) and the ZZ pin. Addresses and chip enables are registered at rising edge of clock when either Address Strobe Processor (ADSP) or Address Strobe Controller (ADSC) are active. Subsequent burst addresses can be internally generated as controlled by the Advance pin (ADV). Address, data inputs, and write controls are registered on-chip to initiate a self-timed Write cycle.This part supports Byte Write operations (see Pin Descriptions and Truth Table for further details). Write cycles can be one to two bytes wide as controlled by the byte write control inputs. GW when active LOW causes all bytes to be written. The CY7C1327G operates from a +3.3V core power supply while all outputs also operate with a +3.3V or a +2.5V supply. All inputs and outputs are JEDEC-standard JESD8-5compatible.
Logic Block Diagram
A0, A1, A
MODE
ADDRESS REGISTER
2 A[1:0]
ADV CLK
BURST Q1 COUNTER AND LOGIC CLR Q0
ADSC
ADSP DQB,DQPB WRITE REGISTER DQB,DQPB WRITE DRIVER MEMORY ARRAY BWA BWE GW CE1 CE2 CE3 OE ENABLE REGISTER DQA,DQPA WRITE REGISTER DQA,DQPA WRITE DRIVER SENSE AMPS
BWB
OUTPUT REGISTERS
OUTPUT BUFFERS
E
DQs DQPA DQPB
PIPELINED ENABLE
INPUT REGISTERS
ZZ
SLEEP CONTROL
Note: 1. For best-practices recommendations, please refer to the Cypress application note System Design Guidelines on www.cypress.com.
Cypress Semiconductor Corporation Document #: 38-05519 Rev. *F
*
198 Champion Court
*
San Jose, CA 95134-1709 * 408-943-2600 Revised July 5, 2006
CY7C1327G
Selection Guide
250 MHz Maximum Access Time Maximum Operating Current Maximum CMOS Standby Current 2.6 325 40 200 MHz 2.8 265 40 166 MHz 3.5 240 40 133 MHz 4.0 225 40 Unit ns mA mA
Pin Configurations
100-Pin TQFP Pinout
NC NC NC VDDQ VSS NC NC DQB DQB VSS VDDQ DQB DQB NC VDD NC VSS DQB DQB VDDQ VSS DQB DQB DQPB NC VSS VDDQ NC NC NC
100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81
A A CE1 CE2 NC NC BWB BWA CE3 VDD VSS CLK GW BWE OE ADSC ADSP ADV A A
BYTE B
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30
CY7C1327G
80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51
A NC NC VDDQ VSS NC DQPA DQA DQA VSS VDDQ DQA DQA VSS NC VDD ZZ DQA DQA VDDQ VSS DQA DQA NC NC VSS VDDQ NC NC NC
BYTE A
Document #: 38-05519 Rev. *F
MODE A A A A A1 A0 NC/72M NC/36M VSS VDD NC/18M NC/9M A A A A A A A
31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
Page 2 of 18
CY7C1327G
Pin Configurations (continued) 119-Ball BGA Pinout
1 A B C D E F G H J K L M N P R T U VDDQ NC/288M NC/144M DQB NC VDDQ NC DQB VDDQ NC DQB VDDQ DQB NC NC NC/72M VDDQ 2 A CE2 A NC DQB NC DQB NC VDD DQB NC DQB NC DQPB A A NC 3 A A A VSS VSS VSS BWB VSS NC VSS Vss VSS VSS VSS MODE A NC 4 ADSP ADSC VDD NC CE1 OE ADV GW VDD CLK NC BWE A1 A0 VDD NC/36M NC 5 A A A VSS VSS VSS Vss VSS NC VSS BWA VSS VSS VSS NC A NC 6 A CE3 A DQPA NC DQA NC DQA VDD NC DQA NC DQA NC A A NC 7 VDDQ NC/576M NC/1G NC DQA VDDQ DQA NC VDDQ DQA NC VDDQ NC DQA NC ZZ VDDQ
Document #: 38-05519 Rev. *F
Page 3 of 18
CY7C1327G
Pin Definitions
Name A0, A1, A I/O Description InputAddress Inputs used to select one of the 256K address locations. Sampled at the rising edge of Synchronous the CLK if ADSP or ADSC is active LOW, and CE1, CE2, and CE3 are sampled active. A1, A0 feed the 2-bit counter. InputByte Write Select Inputs, active LOW. Qualified with BWE to conduct byte writes to the SRAM. Synchronous Sampled on the rising edge of CLK. InputGlobal Write Enable Input, active LOW. When asserted LOW on the rising edge of CLK, a global Synchronous write is conducted (ALL bytes are written, regardless of the values on BW[A:B] and BWE). InputByte Write Enable Input, active LOW. Sampled on the rising edge of CLK. This signal must be Synchronous asserted LOW to conduct a byte write. InputClock Clock Input. Used to capture all synchronous inputs to the device. Also used to increment the burst counter when ADV is asserted LOW, during a burst operation.
BWA, BWB GW BWE CLK CE1
InputChip Enable 1 Input, active LOW. Sampled on the rising edge of CLK. Used in conjunction with CE2 Synchronous and CE3 to select/deselect the device. ADSP is ignored if CE1 is HIGH. CE1 is sampled only when a new external address is loaded. InputChip Enable 2 Input, active HIGH. Sampled on the rising edge of CLK. Used in conjunction with Synchronous CE1 and CE3 to select/deselect the device. CE2 is sampled only when a new external address is loaded. InputChip Enable 3 Input, active LOW. Sampled on the rising edge of CLK. Used in conjunction with CE1 Synchronous and CE2 to select/deselect the device. Not connected for BGA. Where referenced, CE3 is assumed active throughout this document for BGA. CE3 is sampled only when a new external address is loaded. InputOutput Enable, asynchronous input, active LOW. Controls the direction of the I/O pins. When Asynchronous LOW, the I/O pins behave as outputs. When deasserted HIGH, I/O pins are tri-stated, and act as input data pins. OE is masked during the first clock of a read cycle when emerging from a deselected state. InputAdvance Input signal, sampled on the rising edge of CLK, active LOW. When asserted, it Synchronous automatically increments the address in a burst cycle. InputAddress Strobe from Processor, sampled on the rising edge of CLK, active LOW. When Synchronous asserted LOW, A is captured in the address registers. A1, A0 are also loaded into the burst counter. When ADSP and ADSC are both asserted, only ADSP is recognized. ASDP is ignored when CE1 is deasserted HIGH. InputZZ "sleep" Input, active HIGH. This input, when High places the device in a non-time-critical "sleep" Asynchronous condition with data integrity preserved. During normal operation, this pin has to be low or left floating. ZZ pin has an internal pull-down. InputAddress Strobe from Controller, sampled on the rising edge of CLK, active LOW. When asserted Synchronous LOW, A is captured in the address registers. A1, A0 are also loaded into the burst counter. When ADSP and ADSC are both asserted, only ADSP is recognized. I/OBidirectional Data I/O lines. As inputs, they feed into an on-chip data register that is triggered by Synchronous the rising edge of CLK. As outputs, they deliver the data contained in the memory location specified by "A" during the previous clock rise of the read cycle. The direction of the pins is controlled by OE. When OE is asserted LOW, the pins behave as outputs. When HIGH, DQs and DQP[A:B] are placed in a tri-state condition. Power Supply Power supply inputs to the core of the device. Ground I/O Ground InputStatic - Ground for the device. Ground for the I/O circuitry. Selects Burst Order. When tied to GND selects linear burst sequence. When tied to VDD or left floating selects interleaved burst sequence. This is a strap pin and should remain static during device operation. Mode Pin has an internal pull-up. No Connects. Not internally connected to the die. NC/9M,NC/18M,NC/72M, NC/144M, NC/288M, NC/576M and NC/1G are address expansion pins are not internally connected to the die.
CE2
CE3
OE
ADV ADSP
ZZ
ADSC
DQA, DQB DQPA, DQPB
VDD VSS VDDQ MODE
NC,NC/9M, NC/18M. NC/72M, NC/144M, NC/288M, NC/576M, NC/1G
Document #: 38-05519 Rev. *F
Page 4 of 18
CY7C1327G
Functional Overview
All synchronous inputs pass through input registers controlled by the rising edge of the clock. All data outputs pass through output registers controlled by the rising edge of the clock. The CY7C1327G supports secondary cache in systems utilizing either a linear or interleaved burst sequence. The interleaved burst order supports Pentium and i486TM processors. The linear burst sequence is suited for processors that utilize a linear burst sequence. The burst order is user selectable, and is determined by sampling the MODE input. Accesses can be initiated with either the Processor Address Strobe (ADSP) or the Controller Address Strobe (ADSC). Address advancement through the burst sequence is controlled by the ADV input. A two-bit on-chip wraparound burst counter captures the first address in a burst sequence and automatically increments the address for the rest of the burst access. Byte Write operations are qualified with the Byte Write Enable (BWE) and Byte Write Select (BW[A:B]) inputs. A Global Write Enable (GW) overrides all Byte Write inputs and writes data to all four bytes. All writes are simplified with on-chip synchronous self-timed Write circuitry. Three synchronous Chip Selects (CE1, CE2, CE3) and an asynchronous Output Enable (OE) provide for easy bank selection and output tri-state control. ADSP is ignored if CE1 is HIGH. Single Read Accesses This access is initiated when the following conditions are satisfied at clock rise: (1) ADSP or ADSC is asserted LOW, (2) CE1, CE2, CE3 are all asserted active, and (3) the Write signals (GW, BWE) are all deserted HIGH. ADSP is ignored if CE1 is HIGH. The address presented to the address inputs (A) is stored into the address advancement logic and the Address Register while being presented to the memory array. The corresponding data is allowed to propagate to the input of the Output Registers. At the rising edge of the next clock the data is allowed to propagate through the output register and onto the data bus within tCO if OE is active LOW. The only exception occurs when the SRAM is emerging from a deselected state to a selected state, its outputs are always tri-stated during the first cycle of the access. After the first cycle of the access, the outputs are controlled by the OE signal. Consecutive single Read cycles are supported. Once the SRAM is deselected at clock rise by the chip select and either ADSP or ADSC signals, its output will tri-state immediately. Single Write Accesses Initiated by ADSP This access is initiated when both of the following conditions are satisfied at clock rise: (1) ADSP is asserted LOW, and (2) CE1, CE2, CE3 are all asserted active. The address presented to A is loaded into the address register and the address advancement logic while being delivered to the memory array. The Write signals (GW, BWE, and BW[A:B]) and ADV inputs are ignored during this first cycle. ADSP-triggered Write accesses require two clock cycles to complete. If GW is asserted LOW on the second clock rise, the data presented to the DQ inputs is written into the corresponding address location in the memory array. If GW is HIGH, then the Write operation is controlled by BWE and BW[A:B] signals. The CY7C1327G provides Byte Write capability that is described in the Write Cycle Descriptions table. Asserting the Byte Write Enable input (BWE) with the selected Byte Write (BW[A:B]) input, will selectively write to only the desired bytes. Bytes not selected during a Byte Write operation will remain unaltered. A synchronous self-timed Write mechanism has been provided to simplify the Write operations. Because the CY7C1327G is a common I/O device, the Output Enable (OE) must be deserted HIGH before presenting data to the DQ inputs. Doing so will tri-state the output drivers. As a safety precaution, DQs are automatically tri-stated whenever a Write cycle is detected, regardless of the state of OE. Single Write Accesses Initiated by ADSC ADSC Write accesses are initiated when the following conditions are satisfied: (1) ADSC is asserted LOW, (2) ADSP is deserted HIGH, (3) CE1, CE2, CE3 are all asserted active, and (4) the appropriate combination of the Write inputs (GW, BWE, and BW[A:B]) are asserted active to conduct a Write to the desired byte(s). ADSC-triggered Write accesses require a single clock cycle to complete. The address presented to A is loaded into the address register and the address advancement logic while being delivered to the memory array. The ADV input is ignored during this cycle. If a global Write is conducted, the data presented to DQ is written into the corresponding address location in the memory core. If a Byte Write is conducted, only the selected bytes are written. Bytes not selected during a Byte Write operation will remain unaltered. A synchronous self-timed Write mechanism has been provided to simplify the Write operations. Because the CY7C1327G is a common I/O device, the Output Enable (OE) must be deserted HIGH before presenting data to the DQ inputs. Doing so will tri-state the output drivers. As a safety precaution, DQs are automatically tri-stated whenever a Write cycle is detected, regardless of the state of OE. Burst Sequences The CY7C1327G provides a two-bit wraparound counter, fed by A1, A0, that implements either an interleaved or linear burst sequence. The interleaved burst sequence is designed specifically to support Intel Pentium applications. The linear burst sequence is designed to support processors that follow a linear burst sequence. The burst sequence is user selectable through the MODE input. Asserting ADV LOW at clock rise will automatically increment the burst counter to the next address in the burst sequence. Both Read and Write burst operations are supported. Sleep Mode The ZZ input pin is an asynchronous input. Asserting ZZ places the SRAM in a power conservation "sleep" mode. Two clock cycles are required to enter into or exit from this "sleep" mode. While in this mode, data integrity is guaranteed. Accesses pending when entering the "sleep" mode are not considered valid nor is the completion of the operation guaranteed. The device must be deselected prior to entering the "sleep" mode. CE1, CE2, CE3, ADSP, and ADSC must remain inactive for the duration of tZZREC after the ZZ input returns LOW.
Document #: 38-05519 Rev. *F
Page 5 of 18
CY7C1327G
Interleaved Burst Address Table (MODE = Floating or VDD)
First Address A1, A0 00 01 10 11 Second Address A1, A0 01 00 11 10 Third Address A1, A0 10 11 00 01 Fourth Address A1, A0 11 10 01 00
Linear Burst Address Table (MODE = GND)
First Address A1, A0 00 01 10 11 Second Address A1, A0 01 10 11 00 Third Address A1, A0 10 11 00 01 Fourth Address A1, A0 11 00 01 10
ZZ Mode Electrical Characteristics
Parameter IDDZZ tZZS tZZREC tZZI tRZZI Description Snooze mode standby current Device operation to ZZ ZZ recovery time ZZ active to snooze current ZZ Inactive to exit snooze current Test Conditions ZZ > VDD - 0.2V ZZ > VDD - 0.2V ZZ < 0.2V This parameter is sampled This parameter is sampled 0 2tCYC 2tCYC Min. Max. 40 2tCYC Unit mA ns ns ns ns
Document #: 38-05519 Rev. *F
Page 6 of 18
CY7C1327G
Truth Table[2, 3, 4, 5, 6]
Next Cycle Unselected Unselected Unselected Unselected Unselected Begin Read Begin Read Continue Read Continue Read Continue Read Continue Read Suspend Read Suspend Read Suspend Read Suspend Read Begin Write Begin Write Begin Write Continue Write Continue Write Suspend Write Suspend Write ZZ "Sleep" Add. Used None None None None None External External Next Next Next Next Current Current Current Current Current Current External Next Next Current Current None CE1 H L L L L L L X X H H X X H H X H L X H X H X CE2 X X L X L H H X X X X X X X X X X H X X X X X CE3 X H X H X L L X X X X X X X X X X L X X X X X ZZ L L L L L L L L L L L L L L L L L L L L L L H ADSP X L L H H L H H H X X H H X X H X H H X H X X ADSC L X X L L X L H H H H H H H H H H H H H H H X ADV X X X X X X X L L L L H H H H H H X H H H H X OE X X X X X X X H L H L H L H L X X X X X X X X DQ Tri-State Tri-State Tri-State Tri-State Tri-State Tri-State Tri-State Tri-State DQ Tri-State DQ Tri-State DQ Tri-State DQ Tri-State Tri-State Tri-State Tri-State Tri-State Tri-State Tri-State Tri-State WRITE X X X X X X H H H H H H H H H L L L L L L L X
Truth Table for Read/Write[2]
Function Read Read Write Byte A - (DQA and DQPA) Write Byte B - (DQB and DQPB) Write Bytes B, A Write All Bytes Write All Bytes GW H H H H H H L BWE H L L L L L X BWB X H H L L L X BWA X H L H L L X
Notes: 2. X = "Don't Care." H = Logic HIGH, L = Logic LOW. 3. WRITE = L when any one or more Byte Write enable signals (BWA, BWB) and BWE = L or GW = L. WRITE = H when all Byte write enable signals (BWA, BWB), BWE, GW = H. 4. The DQ pins are controlled by the current cycle and the OE signal. OE is asynchronous and is not sampled with the clock. 5. The SRAM always initiates a read cycle when ADSP is asserted, regardless of the state of GW, BWE, or BW[A: B]. Writes may occur only on subsequent clocks after the ADSP or with the assertion of ADSC. As a result, OE must be driven HIGH prior to the start of the write cycle to allow the outputs to tri-state. OE is a don't care for the remainder of the write cycle. 6. OE is asynchronous and is not sampled with the clock rise. It is masked internally during write cycles. During a read cycle all data bits are tri-state when OE is inactive or when the device is deselected, and all data bits behave as output when OE is active (LOW).
Document #: 38-05519 Rev. *F
Page 7 of 18
CY7C1327G
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.) Storage Temperature ................................. -65C to +150C Ambient Temperature with Power Applied............................................. -55C to +125C Supply Voltage on VDD Relative to GND........ -0.5V to +4.6V Supply Voltage on VDDQ Relative to GND ...... -0.5V to +VDD DC Voltage Applied to Outputs in tri-state ............................................ -0.5V to VDDQ + 0.5V DC Input Voltage ................................... -0.5V to VDD + 0.5V Current into Outputs (LOW)......................................... 20 mA Static Discharge Voltage.......................................... > 2001V (per MIL-STD-883, Method 3015) Latch-up Current.................................................... > 200 mA
Operating Range
Ambient Range Temperature VDD VDDQ Commercial 0C to +70C 3.3V -5%/+10% 2.5V -5% to VDD Industrial -40C to +85C
Electrical Characteristics Over the Operating Range[7, 8]
Parameter VDD VDDQ VOH VOL VIH VIL IX Description Power Supply Voltage I/O Supply Voltage Output HIGH Voltage Output LOW Voltage Input HIGH Voltage[7] Input LOW Voltage[7] for 3.3V I/O, IOH = -4.0 mA for 2.5V I/O, IOH = -1.0 mA for 3.3V I/O, IOL = 8.0 mA for 2.5V I/O, IOL = 1.0 mA for 3.3V I/O for 2.5V I/O for 3.3V I/O for 2.5V I/O Input Leakage Current GND VI VDDQ except ZZ and MODE Input Current of MODE Input = VSS Input = VDD Input Current of ZZ IOZ IDD Output Leakage Current Input = VSS Input = VDD GND VI VDDQ, Output Disabled -5 -5 30 5 325 265 240 225 120 110 100 90 40 2.0 1.7 -0.3 -0.3 -5 -30 5 Test Conditions Min. 3.135 2.375 2.4 2.0 0.4 0.4 VDD + 0.3V VDD + 0.3V 0.8 0.7 5 Max. 3.6 VDD Unit V V V V V V V V V V A A A A A A mA mA mA mA mA mA mA mA mA
VDD Operating Supply VDD = Max., IOUT = 0 mA, 4-ns cycle, 250 MHz Current f = fMAX = 1/tCYC 5-ns cycle, 200 MHz 6-ns cycle, 166 MHz 7.5-ns cycle, 133 MHz
ISB1
Automatic CE Power-down Current--TTL Inputs
VDD = Max, Device Deselected, VIN VIH or VIN VIL f = fMAX = 1/tCYC
4-ns cycle, 250 MHz 5-ns cycle, 200 MHz 6-ns cycle, 166 MHz 7.5-ns cycle, 133 MHz
ISB2
VDD = Max, Device All speeds Automatic CE Power-down Deselected, VIN 0.3V or Current--CMOS Inputs VIN > VDDQ - 0.3V, f = 0
Notes: 7. Overshoot: VIH(AC) < VDD +1.5V (Pulse width less than tCYC/2), undershoot: VIL(AC) > -2V (Pulse width less than tCYC/2). 8. TPower-up: Assumes a linear ramp from 0V to VDD(min.) within 200 ms. During this time VIH < VDD and VDDQ < VDD.
Document #: 38-05519 Rev. *F
Page 8 of 18
CY7C1327G
Electrical Characteristics Over the Operating Range[7, 8] (continued)
Parameter ISB3 Description Test Conditions Min. Max. 105 95 85 75 45 Unit mA mA mA mA mA VDD = Max, Device Automatic CE 4-ns cycle, 250 MHz Power-down Deselected, or VIN 0.3V 5-ns cycle 200 MHz Current--CMOS Inputs or VIN > VDDQ - 0.3V f = fMAX = 1/tCYC 6-ns cycle,166 MHz 7.5-ns cycle, 133 MHz ISB4 Automatic CE Power-down Current--TTL Inputs VDD = Max, Device Deselected, VIN VIH or VIN VIL, f = 0 All speeds
Capacitance[9]
Parameter CIN CCLK CI/O Description Input Capacitance Clock Input Capacitance Input/Output Capacitance Test Conditions TA = 25C, f = 1 MHz, VDD = 3.3V. VDDQ = 3.3V 100 TQFP Max. 5 5 5 119 BGA Max. 5 5 7 Unit pF pF pF
Thermal Resistance[9]
Parameter Description Thermal Resistance (Junction to Ambient) Thermal Resistance (Junction to Case) Test Conditions Test conditions follow standard test methods and procedures for measuring thermal impedance, per EIA/JESD51. 100 TQFP Package 30.32 6.85 119 BGA Package 34.1 14.0 Unit C/W C/W
JA JC
AC Test Loads and Waveforms
3.3V I/O Test Load
OUTPUT Z0 = 50 3.3V OUTPUT RL = 50 5 pF R = 351 R = 317 ALL INPUT PULSES VDDQ 10% GND 1 ns 90% 90% 10% 1 ns
VT = 1.5V
(a) 2.5V I/O Test Load
OUTPUT Z0 = 50 2.5V
INCLUDING JIG AND SCOPE
(b)
R = 1667 VDDQ 10%
(c)
ALL INPUT PULSES 90% 90% 10% 1 ns
OUTPUT RL = 50 5 pF R = 1538 VT = 1.25V INCLUDING JIG AND SCOPE
GND 1 ns
(a)
(b)
(c)
Note: 9. Tested initially and after any design or process change that may affect these parameters.
Document #: 38-05519 Rev. *F
Page 9 of 18
CY7C1327G
Switching Characteristics Over the Operating Range[14, 15]
-250 Parameter tPOWER Clock tCYC tCH tCL Output Times tCO tDOH tCLZ tCHZ tOEV tOELZ tOEHZ Set-up Times tAS tADS tADVS tWES tDS tCES Hold Times tAH tADH tADVH tWEH tDH tCEH Address Hold After CLK Rise ADSP, ADSC Hold After CLK Rise ADV Hold After CLK Rise GW, BWE, BWX Hold After CLK Rise Data Input Hold After CLK Rise Chip Enable Hold After CLK Rise 0.3 0.3 0.3 0.3 0.3 0.3 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 ns ns ns ns ns ns Address Set-up Before CLK Rise ADSC, ADSP Set-up Before CLK Rise ADV Set-up Before CLK Rise GW, BWE, BWX Set-up Before CLK Rise Data Input Set-up Before CLK Rise Chip Enable Set-Up Before CLK Rise 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 ns ns ns ns ns ns Data Output Valid After CLK Rise Data Output Hold After CLK Rise Clock to Low-Z
[11, 12, 13]
-200 Min. 1 5.0 2.0 2.0 2.6 2.8 1.0 0 2.6 2.6 2.8 2.8 0 2.6 2.8 0 Max. 1
-166 Min. Max. 1
-133 Min. Max. Unit ms ns ns ns 4.0 1.5 0 ns ns ns 4.0 4.5 0 4.0 ns ns ns ns
Description VDD(Typical) to the First Access Clock Cycle Time Clock HIGH Clock LOW
[10]
Min. 1 4.0 1.7 1.7
Max.
6.0 2.5 2.5 3.5 1.5 0 3.5 3.5 3.5
7.5 3.0 3.0
1.0 0
Clock to High-Z[11, 12, 13] OE LOW to Output Valid OE LOW to Output OE HIGH to Output Low-Z[11, 12, 13] High-Z[11, 12, 13] 0
Notes: 10. This part has a voltage regulator internally; tPOWER is the time that the power needs to be supplied above VDD(minimum) initially before a read or write operation can be initiated. 11. tCHZ, tCLZ,tOELZ, and tOEHZ are specified with AC test conditions shown in part (b) of AC Test Loads. Transition is measured 200 mV from steady-state voltage. 12. At any given voltage and temperature, tOEHZ is less than tOELZ and tCHZ is less than tCLZ to eliminate bus contention between SRAMs when sharing the same data bus. These specifications do not imply a bus contention condition, but reflect parameters guaranteed over worst case user conditions. Device is designed to achieve High-Z prior to Low-Z under the same system conditions. 13. This parameter is sampled and not 100% tested. 14. Timing references level is 1.5V when VDDQ = 3.3V and is 1.25V when VDDQ = 2.5V on all data sheets. 15. Test conditions shown in (a) of AC Test Loads unless otherwise noted.
Document #: 38-05519 Rev. *F
Page 10 of 18
CY7C1327G
Switching Waveforms
Read Cycle Timing[16]
t CYC
CLK
t CH t ADS t ADH
t CL
ADSP
tADS tADH
ADSC
tAS tAH
ADDRESS
A1
tWES tWEH
A2
A3 Burst continued with new base address
GW, BWE, BW[A:B]
tCES tCEH
Deselect cycle
CE
tADVS tADVH
ADV ADV suspends burst.
tOEV t OEHZ t CLZ t OELZ tCO tDOH t CHZ
OE
Data Out (Q)
High-Z
Q(A1)
t CO
Q(A2)
Q(A2 + 1)
Q(A2 + 2)
Q(A2 + 3)
Q(A2)
Q(A2 + 1)
Single READ DON'T CARE UNDEFINED
BURST READ
Burst wraps around to its initial state
Note: 16. On this diagram, when CE is LOW: CE1 is LOW, CE2 is HIGH and CE3 is LOW. When CE is HIGH: CE1 is HIGH or CE2 is LOW or CE3 is HIGH.
Document #: 38-05519 Rev. *F
Page 11 of 18
CY7C1327G
Switching Waveforms (continued)
Write Cycle Timing[16, 17]
t CYC
CLK tCH tADS ADSP ADSC extends burst tADS tADH tADH tCL
tADS ADSC tAS A1 tAH
tADH
ADDRESS
A2 Byte write signals are ignored for first cycle when ADSP initiates burst
A3
tWES tWEH
BWE, BW[A :B] tWES tWEH GW tCES CE t t ADVS ADVH ADV ADV suspends burst tCEH
OE tDS tDH
Data In (D)
High-Z
t OEHZ
D(A1)
D(A2)
D(A2 + 1)
D(A2 + 1)
D(A2 + 2)
D(A2 + 3)
D(A3)
D(A3 + 1)
D(A3 + 2)
Data Out (Q) BURST READ Single WRITE BURST WRITE Extended BURST WRITE
DON'T CARE
UNDEFINED
Note: 17. Full width write can be initiated by either GW LOW; or by GW HIGH, BWE LOW and BW[A:B] LOW.
Document #: 38-05519 Rev. *F
Page 12 of 18
CY7C1327G
Switching Waveforms (continued)
Read/Write Cycle Timing[16, 18, 19]
tCYC
CLK
tCH tADS tADH tCL
ADSP
ADSC
tAS tAH
ADDRESS BWE, BW[A:B]
A1
A2
A3 tWES tWEH
A4
A5
A6
tCES
tCEH
CE
ADV
OE
tCO tDS tDH tOELZ High-Z tCLZ tOEHZ Q(A2) Single WRITE D(A3) D(A5) D(A6)
Data In (D)
Data Out (Q)
High-Z
Q(A1) Back-to-Back READs
Q(A4)
Q(A4+1) BURST READ
Q(A4+2)
Q(A4+3) Back-to-Back WRITEs
DON'T CARE
UNDEFINED
Notes: 18. The data bus (Q) remains in high-Z following a WRITE cycle, unless a new read access is initiated by ADSP or ADSC. 19. GW is HIGH.
Document #: 38-05519 Rev. *F
Page 13 of 18
CY7C1327G
Switching Waveforms (continued)
ZZ Mode Timing [20, 21]
CLK
t ZZ t ZZREC
ZZ
t
ZZI
I
SUPPLY I DDZZ t RZZI DESELECT or READ Only
ALL INPUTS (except ZZ)
Outputs (Q)
High-Z
DON'T CARE
Notes: 20. Device must be deselected when entering ZZ mode. See Cycle Descriptions table for all possible signal conditions to deselect the device. 21. DQs are in high-Z when exiting ZZ sleep mode.
Document #: 38-05519 Rev. *F
Page 14 of 18
CY7C1327G
Ordering Information
Not all of the speed, package and temperature ranges are available. Please contact your local sales representative or visit www.cypress.com for actual products offered. Speed (MHz) 133 Ordering Code CY7C1327G-133AXC CY7C1327G-133BGC CY7C1327G-133BGXC CY7C1327G-133AXI CY7C1327G-133BGI CY7C1327G-133BGXI 166 CY7C1327G-166AXC CY7C1327G-166BGC CY7C1327G-166BGXC CY7C1327G-166AXI CY7C1327G-166BGI CY7C1327G-166BGXI 200 CY7C1327G-200AXC CY7C1327G-200BGC CY7C1327G-200BGXC CY7C1327G-200AXI CY7C1327G-200BGI CY7C1327G-200BGXI 250 CY7C1327G-250AXC CY7C1327G-250BGC CY7C1327G-250BGXC CY7C1327G-250AXI CY7C1327G-250BGI CY7C1327G-250BGXI Package Diagram Package Type Operating Range Commercial
51-85050 100-Pin Thin Quad Flat Pack (14 x 20 x 1.4 mm) Lead-Free 51-85115 119-ball Ball Grid Array (14 x 22 x 2.4 mm) 119-ball Ball Grid Array (14 x 22 x 2.4 mm) Lead-Free 51-85050 100-Pin Thin Quad Flat Pack (14 x 20 x 1.4 mm) Lead-Free 51-85115 119-ball Ball Grid Array (14 x 22 x 2.4 mm) 119-ball Ball Grid Array (14 x 22 x 2.4 mm) Lead-Free 51-85050 100-Pin Thin Quad Flat Pack (14 x 20 x 1.4 mm) Lead-Free 51-85115 119-ball Ball Grid Array (14 x 22 x 2.4 mm) 119-ball Ball Grid Array (14 x 22 x 2.4 mm) Lead-Free 51-85050 100-Pin Thin Quad Flat Pack (14 x 20 x 1.4 mm) Lead-Free 51-85115 119-ball Ball Grid Array (14 x 22 x 2.4 mm) 119-ball Ball Grid Array (14 x 22 x 2.4 mm) Lead-Free 51-85050 100-Pin Thin Quad Flat Pack (14 x 20 x 1.4 mm) Lead-Free 51-85115 119-ball Ball Grid Array (14 x 22 x 2.4 mm) 119-ball Ball Grid Array (14 x 22 x 2.4 mm) Lead-Free 51-85050 100-Pin Thin Quad Flat Pack (14 x 20 x 1.4 mm) Lead-Free 51-85115 119-ball Ball Grid Array (14 x 22 x 2.4 mm) 119-ball Ball Grid Array (14 x 22 x 2.4 mm) Lead-Free 51-85050 100-Pin Thin Quad Flat Pack (14 x 20 x 1.4 mm) Lead-Free 51-85115 119-ball Ball Grid Array (14 x 22 x 2.4 mm) 119-ball Ball Grid Array (14 x 22 x 2.4 mm) Lead-Free 51-85050 100-Pin Thin Quad Flat Pack (14 x 20 x 1.4 mm) Lead-Free 51-85115 119-ball Ball Grid Array (14 x 22 x 2.4 mm) 119-ball Ball Grid Array (14 x 22 x 2.4 mm) Lead-Free
Industrial
Commercial
Industrial
Commercial
Industrial
Commercial
Industrial
Document #: 38-05519 Rev. *F
Page 15 of 18
CY7C1327G
Package Diagrams
100-Pin TQFP (14 x 20 x 1.4 mm) (51-85050)
16.000.20 14.000.10
100 1 81 80
1.400.05
0.300.08
22.000.20
20.000.10
0.65 TYP.
30 31 50 51
121 (8X)
SEE DETAIL
A
0.20 MAX. 1.60 MAX. 0 MIN. SEATING PLANE 0.25 GAUGE PLANE STAND-OFF 0.05 MIN. 0.15 MAX.
NOTE: 1. JEDEC STD REF MS-026 2. BODY LENGTH DIMENSION DOES NOT INCLUDE MOLD PROTRUSION/END FLASH MOLD PROTRUSION/END FLASH SHALL NOT EXCEED 0.0098 in (0.25 mm) PER SIDE BODY LENGTH DIMENSIONS ARE MAX PLASTIC BODY SIZE INCLUDING MOLD MISMATCH 3. DIMENSIONS IN MILLIMETERS
0-7
R 0.08 MIN. 0.20 MAX.
0.600.15 0.20 MIN. 1.00 REF.
DETAIL
51-85050-*B
A
Document #: 38-05519 Rev. *F
0.10
R 0.08 MIN. 0.20 MAX.
Page 16 of 18
CY7C1327G
Package Diagrams (continued)
119-Ball BGA (14 x 22 x 2.4 mm) (51-85115)
O0.05 M C O0.25 M C A B A1 CORNER O0.750.15(119X) O1.00(3X) REF. 1 A B C E F G 22.000.20 H J K L M N P R T U 10.16 19.50 20.32 1.27 D 2 34 5 6 7 7 6 5 4321 A B C D E F G H J K L M N P R T U
1.27 0.70 REF. A 3.81
12.00 B 2.40 MAX.
7.62 14.000.20
0.900.05
0.25 C
30 TYP.
0.15(4X) 0.15 C
51-85115-*B
SEATING PLANE
0.56
C 600.10
i486 is a trademark, and Intel and Pentium are registered trademarks, of Intel Corporation. PowerPC is a registered trademark of IBM Corporation. All product and company names mentioned in this document may be trademarks of their respective holders.
Document #: 38-05519 Rev. *F
Page 17 of 18
(c) Cypress Semiconductor Corporation, 2006. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in a Cypress product. Nor does it convey or imply any license under patent or other rights. Cypress products are not warranted nor intended to be used for medical, life support, life saving, critical control or safety applications, unless pursuant to an express written agreement with Cypress. Furthermore, Cypress does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress against all charges.
CY7C1327G
Document History Page
Document Title: CY7C1327G 4-Mbit (256K x 18) Pipelined Sync SRAM Document Number: 38-05519 REV. ** *A *B ECN NO. 224367 278513 332895 Issue Date See ECN See ECN See ECN Orig. of Change RKF VBL SYT New Data Sheet In Ordering Info section, Changed TQFP to PB-Free TQFP Added PB-Free BG package Modified Address Expansion balls in the pinouts for 100 TQFP and 119 BGA Packages as per JEDEC standards and updated the Pin Definitions accordingly Modified VOL, VOH test conditions Removed 225 MHz and 100 MHz speed grades Replaced TBD's for JA and JC to their respective values on the Thermal Resistance table Removed comment on the availability of BG lead-free package Updated the Ordering Information by shading and unshading MPNs as per availability Updated Ordering Information Table Added VDD/VDDQ test conditions in DC Table Modified test condition in note# 8 from VIH < VDD to VIH < VDD Converted from Preliminary to Final Changed address of Cypress Semiconductor Corporation on Page# 1 from "3901 North First Street" to "198 Champion Court" Modified "Input Load" to "Input Leakage Current except ZZ and MODE" in the Electrical Characteristics Table Replaced Package Name column with Package Diagram in the Ordering Information table Replaced Package Diagram of 51-85050 from *A to *B Updated the Ordering Information Added the Maximum Rating for Supply Voltage on VDDQ Relative to GND. Updated the Ordering Information table. Description of Change
*C *D *E
351194 366728 419256
See ECN See ECN See ECN
PCI PCI RXU
*F
480124
See ECN
VKN
Document #: 38-05519 Rev. *F
Page 18 of 18


▲Up To Search▲   

 
Price & Availability of CY7C1327G-133AXC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X